Part Number Hot Search : 
2SC1968 CERXXX TA7310 GPAF807 30N03S2L 1803617 16V08 67100
Product Description
Full Text Search
 

To Download BC847A-Z1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
ISSUE 6 - JANUARY 1997 PARTMARKING DETAILS BC846AZ1A BC846B1B BC847AZ1E BC847B1F BC847C1GZ BC848A1JZ BC848B1K BC848CZ1L BC849B2B BC849C2C BC850B2FZ BC850C-Z2G COMPLEMENTARY TYPES BC846 BC847 BC848 BC849 BC850 BC856 BC857 BC858 BC859 BC860
BC846 BC848 BC850
BC847 BC849
C B SOT23
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER SYMBOL BC846 BC847 BC848 BC849 BC850
Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Peak Base Current Peak Emitter Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL Max Collector Cut-Off Current ICBO Max
VCBO VCES VCEO VEBO IC ICM IBM IEM Ptot Tj:Tstg
80 80 65 6
50 50 45
30 30 30 100 200 200 200 330 -55 to +150
30 30 30 5
50 50 45
UNIT V V V V mA mA mA mA mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
BC846 BC847 BC848 BC849 BC850 15
5 90 250 200 600 300 600 700 900 580 660 700 770
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
VCE(sat) Typ Max. Typ Max. Typ Max. VBE(sat) Typ Typ
Base-Emitter Voltage
VBE
Min Typ Max Max
UNIT CONDITIONS. nA VCB = 30V VCB = 30V A Tamb=150C mV IC=10mA, mV IB=0.5mA mV IC=100mA, mV IB=5mA mV IC=10mA* mV mV IC=10mA, IB=0.5mA mV IC=100mA, IB=5mA mV IC=2mA mV VCE=5V mV mV IC=10mA VCE=5V
* Collector-Emitter Saturation Voltage at IC = 10mA for the characteristics going through the operating point IC = 11mA, VCE = 1V at constant base current.
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER Static Group VI Forward Current Ratio Group A SYMBOL hFE Min Typ Max Typ Min Typ Max Typ Group B hFE Typ Min Typ Max Typ Group C hFE Typ. Min Typ Max Typ Transition Frequency Collector-Base Capacitance Emitter-Base Capacitance Noise Figure fT Cobo Cib0 N Typ Typ Max Typ Typ Max Typ Max 2 10 2 10 200 200 270 420 500 800
BC846 BC847 BC848 BC849 BC850
BC846 BC848 BC850
BC847 BC849
UNIT CONDITIONS. IC=2mA, VCE=5V
75 110 150 90 110 180 220 120
75 110 150 90 110 180 220 120
75 110 150 90 110 180 220 120 150 200 290 450 200 270 420 500 800 400 300 2.5 4.5 9 2 10


hFE
IC=0.01mA, VCE=5V IC=2mA, VCE=5V
IC=100mA, VCE=5V IC=0.01mA, VCE=5V IC=2mA, VCE=5V
270 420 500 800
270 420 500 800
IC=100mA, VCE=5V IC=0.01mA, VCE=5V IC=2mA, VCE=5V
IC=100mA, VCE=5V MHz IC=10mA, VCE=5V f=100MHz pF pF pF VCB=10V f=1MHz VEB=0.5V f=1MHz VCE = 5V, IC=200A, RG=2k, f=1kHz,
f=200Hz
1.2 4 1.2 4
1 4 1 3
dB dB dB dB
VCE = 5V, IC=200A, RG=2k, f=30Hz to 15kHz at -3dB points VCE = 5V, IC=200A, RG=2k, f=10Hz to 50Hz at -3dB points
Equivalent Noise Voltage
en
Max.
110
110
nV
Spice parameter data is available upon request for this device
BC846 BC848 BC850
PARAMETER
BC847 BC849
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL hie Min Typ Max Min Typ Max Min Typ Max Min Typ Max Group VI Group A Group B Group C Group VI Group A hre Typ Typ Typ Typ Min Typ Max Min Typ Max Min Typ Max Min Typ Max Group VI Group A Group B Group C hoe Typ Max Typ Max Typ Max Typ Max 20 40 18 30 30 60 60 110 60 110 60 110 450 600 900 20 40 18 30 2.5 1.5 2 75 110 150 125 220 260 2.5 1.5 2 75 110 150 125 220 260
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS. k k k k k k k k k
Dynamic Group VI Characteristics Group A
0.4 1.2 2.2 1.6 2.7 4.5
0.4 1.2 2.2 1.6 2.7 4.5
0.4 1.2 2.2 1.6 2.7 4.5 3.2 4.5 8.5 6 8.7 15 2.5 1.5 2 3 75 110 150 125 220 260 240 330 500 450 600 900 20 40 18 30


Group B Group C
6 8.7 15 2 3
6 8.7 15 2 3
k k k x10-4 x10-4 x10-4 x10-4
hfe
VCE=5V Ic=2mA
Group B Group C
450 600 900
450 600 900
s s s s s s s s


▲Up To Search▲   

 
Price & Availability of BC847A-Z1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X